Part Number Hot Search : 
240128 CPT2207 M4005 SD1219 TS35P05G MAE34018 08226 05RD11
Product Description
Full Text Search
 

To Download UWH1V101MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
WH
Chip Type, High Reliability High Temperature (260C) Reflow
series
Corresponding with 260C peak reflow soldering
Recomended reflow condition : 260C peak 5 sec. 230C over 60 sec. 2 times (8 x 6.2, 10 x 10 : 1 time)
WH
High Temperature
Chip type high temperature range, for +125C use. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
Reflow
UB
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +125C 10 ~ 50V 10 ~ 330F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4(A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
10 0.32
16 0.24 10 12
25 0.21 16 8 25 6
35 0.18 35 4
50 0.18 50 4
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 125C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of intial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 125C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
(8 x 6.2)
Type numbering system (Example : 10V 100F)
Voltage (A:10V) Series
fD0.5
C0.2
0.5MAX.
Plastic platform 0.3MAX. B0.2
Positive A0.2 A0.2
UWH 1 A 1 0 1 M C L 1 G S
Package code Configuration Capacitance tolerance (20%) Rated Capacitance (100mF) Rated voltage (10V) Series name Type A B C E L H
fD
1 2 3 4 5 6 7 8 9 10 11 12 13 14
Trade mark
N2 100A WH
Lot No. Capacitance
L0.3
H
E
Negative
(8 x 10, 10 x 10)
Voltage (V:35V) Series
0.5MAX.
Plastic platform 0.3MAX.
fD0.5
C0.2
Positive A0.2 A0.2
L
Trade mark
Lot No. Capacitance
Voltage
V Code 10 A 16 C 25 E 35 V
L0.5
8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 ~ 0.8
8 10 2.9 8.3 8.3 3.1 10 0.8 ~ 1.1
10 10 3.2 10.3 10.3 4.5 10 0.8 ~ 1.1
(mm)
N2 100V WH
B0.2
H
50 H
Dimension table in next page.
E
Negative
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
WH
Cap.(F)
series
Dimensions
V Code
10 1A
16 1C
25 1E
35 1V
8 x 6.2 8 x 6.2 8 x 6.2 44 52 80 8 x 10 10 x 10
50 1H
24 38 46 58
10 22 33 47 100 220 330
100 220 330 470 101 221 331 8 x 6.2 8 x 10 10 x 10 58 90 112 8 x 10 10 x 10 66 102 8 x 6.2 8 x 10 10 x 10 48 74 116 8 x 10 10 x 10
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 125C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UWH1V101MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X